PART |
Description |
Maker |
IRF7342D2PBF |
Ideal For Buck Regulator Applications FETKY MOSFET & Schottky Diode
|
International Rectifier
|
SP6650EU/TR |
High Efficiency 600mA Synchronous Buck Regulator Ideal for portable designs powered with Li Ion battery
|
Sipex Corporation
|
SP6650 SP6650EU SP6650EU_TR |
High Efficiency 600mA Synchronous Buck Regulator Ideal for portable designs powered with Li Ion battery
|
SIPEX[Sipex Corporation]
|
SP6120_05 SP6120 SP6120CY SP6120CY_TR SP6120EY SP6 |
Low Voltage, AnyFETTM, Synchronous,Buck Controller Ideal for 2A to 10A, High Performance, DC-DC Power Converters
|
SIPEX[Sipex Corporation]
|
ISL85402IRZ-TK |
2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
|
Intersil Corporation
|
ISL85402 ISL85402EVAL1Z ISL85402IRZ |
2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
|
Intersil Corporation
|
A4407 |
The A4407 is an automotive power management IC that uses a 2.2 MHz constant on-time (COT) buck pre-regulator to supply a 5 V linear regulator, a 5 V tracking/protected linear regulator,
|
Allegro MicroSystems
|
MIC33163 MIC33164 |
Buck Regulator with Integrated Inductor 4MHz 1A Buck Regulator Buck Regulator with Integrated Inductor
|
Micrel Semiconductor
|
SP7650 SP7650ER_TR SP7650ER-L_TR SP7650ER-L/TR SP7 |
CAP 150PF 25V 5% NP0(C0G) SMD-0402 TR-7 PLATED-NI/SN Wide Input Voltage Range 3A / 300kHz / Buck Regulator Wide Input Voltage Range 3A, 300kHz, Buck Regulator
|
SIPEX[Sipex Corporation]
|
IR3810MTR1PBF |
SWITCHING REGULATOR, QCC15 HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
|
International Rectifier
|
91716-7001 91716-0530 91716-3008 91716-1515 91716- |
2.5 APPLI-M 17CKT OP/EW WO/POL 17 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT 2.5 Appli-M 4Ckt Op/Ew WO/Pol 4 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT 2.5 APPLI-M 9CKT OP/EW WO/POL VD2 5 8GRN 9 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT 2.5 APPLI-M 6CKT OP/EW W/POL 2&3 6 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT RAST 2.5 APPLI-M 3CKT OP/EW WO/POL 3 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT 2.5 Appli-M 6Ckt Op/Ew WO/Pol 6 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT 2.5 APPLI-M 5CKT OP/EW WO/POL 5 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT 2.5 APPLI-M 19CKT OP/EW WO/POL 19 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT 2.5 Appli-M 5Ckt Op/Ew W/Pol 3/4
|
Bourns, Inc. Molex, Inc. MOLEX INC
|